Part Number Hot Search : 
X25020DP 1N5755B XN0421L 2CWCP60 GP606 TLP3063F 23T1A AN666
Product Description
Full Text Search
 

To Download 2SC4616 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
Silicon NPN Triple Diffused Type Transistor 2SC4616
TO-252
+0.15 1.50 -0.15
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
6.50 +0.2 5.30-0.2
+0.15 -0.15
Features
Large current calcity (IC=2A)
+0.2 9.70 -0.2
High blocking voltage(VCEO
400V)
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation TC=25 Junction temperature Storage temperature Tj Tstg Symbol VCBO VCEO VEBO ICP IC PC Rating 400 400 5 4 2 1 15 150 -55 to +150 Unit V V V A A W W
3.80
www.kexin.com.cn
1
SMD Type
2SC4616
Electrical Characteristics Ta = 25
Parameter Collector cut-off Current Emitter Cut-off Current DC Current Gain Gain-Bandwidth product C-E Saturation Voltage B-E Saturation Voltage C-B Breakdown Voltage C-E Breakdown Voltage E-B Breakdown Voltage Output capacitance Turn-ON Time Symbol ICBO IEBO hFE fT VCE(sat) VBE(sat) V(BR)CBO V(BR)CEO V(BR)EBO cob ton Testconditons VCB=300V,IE=0 VEB=4V,IC=0 VCE=10V,IC=100mA VCE=10V,IC=100mA IC=500mA,IB=50mA IC=500mA,IB=50mA IC=10iA,IE=0 IC=1mA,RBE= IE=10iA,IC=0 VCB=30V,f=1MHz 400 400 5 15 40 60 Min
Transistors
Typ
Max 1 1 200
Unit iA iA
MHz 1 1 V V V V V pF
0.085
Storage Time
tstg
4
is
Fall Time
tr
0.6
hFE Classification
TYPE hFE C 40 to 80 D 60 to 120 E 100 to 200
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SC4616

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X